| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS Fiches technique(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS Fiches technique(HTML) 46 Page - Texas Instruments |
|
46 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] AG20, AG21, NA vdds 0 PWR - - - - - - - - AG27, AF8, AF16, AF23, AE8, AE16, AE23, AE27, AD3, AD4, W4, H28, F25, F26 W16 NA vdds_sram 0 K15 NA vdds_dpll_dll 0 PWR - - - - - - - - AA16 NA vdds_dpll_pe 0 PWR - - - - - - - - r AA14 NA vdds_wkup_ 0 PWR - - - - - - - - bg K25, P25 NA vdds_mmc1, 0 PWR - - - - - - - - vdds_mmc1a V25 NA vdda_dac 0 PWR - - - - - - - - Y26 NA vssa_dac 0 GND - - - - - - - - AA26, AG2, NA vss 0 GND - - - - - - - - AG3, AG6, AF12, AF20, AE12, AE20, AC25, AC26, AG16, AH21, Y12, Y13, Y17, Y25, W3, W10, W13, W14, W17, W19, W25, V9, V10, V19, U2, U9, T20, R19, R20, R26, P3, P4, P9, P10, P19, N9, M20, M28, L19, L20, L26, K9, K10, K12, K16, K17, K19, J3, J12, J13, J16, J17, G27, E3,E4, D7, D10, D13, D19, D21, C7, C10, C13, C19, C22, B2, B27, A3, A26 AH20, AA15, NA cap_vdd_d, 0 PWR - - - - - - - - V4, L21 cap_vdd_wk up, cap_vdd_sra m_mpu _iva, cap_vdd_sra m_core AH1, AH2, A2, A12, FeedThrough - - - - - - - - - - AH10, AH11, A22, A23, Pins (7) AH13, AH15, AA1, AA2, AH16, AH27, AA22, AA23, AH28, AG1, AB1, AB11, AG10, AG11, AB13, AB23, AG13, AG15, AB8, AB9, AG28, AF1, AC1, AC11, AF2, AF27, AC13, AC14, AF28, AE28, AC2, AC22, AA1, AA2, AC23, AC8, N1, N2, M1, AC9, B12, M2, M26, B23, H22, J27, J28, H23, K1, K2, B15, B28, K22, L1, L2, A2, A15, U1, U2, Y23 A27, A28 A1, B1, G1, A1, AB2, No Connect - - U4 AB22, B1, B2, B22 (7) These signals are feed-through balls. For more information, see Section 2.5.10. 46 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |