Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECUS Fiches technique(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECUS
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Fiches technique(HTML) 168 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 164Page - Texas Instruments OMAP3530ECUS Datasheet HTML 165Page - Texas Instruments OMAP3530ECUS Datasheet HTML 166Page - Texas Instruments OMAP3530ECUS Datasheet HTML 167Page - Texas Instruments OMAP3530ECUS Datasheet HTML 168Page - Texas Instruments OMAP3530ECUS Datasheet HTML 169Page - Texas Instruments OMAP3530ECUS Datasheet HTML 170Page - Texas Instruments OMAP3530ECUS Datasheet HTML 171Page - Texas Instruments OMAP3530ECUS Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 265 page
background image
GPMC_FCLK
gpmc_clk
gpmc_ncsx
gpmc_a[10:1]
gpmc_nbe0_cle
gpmc_nbe1
gpmc_nadv_ale
gpmc_noe
gpmc_d[15:0]
gpmc_waitx
gpmc_io_dir
Address0
Address1
Valid
Valid
Valid
Valid
DataUpper
OUT
OUT
IN
OUT
IN
FA9
FA10
FA3
FA9
FA3
FA13
FA13
FA1
FA1
FA4
FA4
FA12
FA12
FA10
FA0
FA0
FA16
FA0
FA0
FA10
FA10
FA5
FA5
030-027
FA15
FA15
FA14
FA14
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-8. GPMC/NOR Flash – Asynchronous Read – 32-bit Timing(1) (2) (3)
(1) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3.
(2) FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock
cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock edge.
FA5 value must be stored inside AccessTime register bit field.
(3) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
168
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More