Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBCA Fiches technique(PDF) 118 Page - Texas Instruments

No de pièce OMAP3530ECBCA
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBCA Fiches technique(HTML) 118 Page - Texas Instruments

Back Button OMAP3530ECBCA Datasheet HTML 114Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 115Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 116Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 117Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 118Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 119Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 120Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 121Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-28. CBB Package Feed-Through Balls (continued)
NC
No Connect
AB1
AG1
pop_ab1_ag1
NC
No Connect
AB2
NA
NA
NC
No Connect
AB22
NA
NA
NC
No Connect
AB23
AG28
pop_ab23_ag28
NC
No Connect
AC1
AH1
pop_ac1_ah1
NC
No Connect
AC2
AH2
pop_ac2_ah2
NC
No Connect
AC22
AH27
pop_ac22_ah27
NC
No Connect
AC23
AH28
pop_ac23_ah28
NC
No Connect
B1
B1
pop_b1_b1
NC
No Connect
B2
NA
NA
NC
No Connect
B22
NA
NA
NC
No Connect
B23
B28
pop_b23_b28
f-rst#, rp#
Flash reset
AB11
AG13
pop_ab11_ag13
d-tq
DDR temperature alert
AC14
AH16
pop_ac14_ah16
vss
Shared Ground
AA2
AA2
pop_aa2_aa2
vss
Shared Ground
U2
AF2
pop_u2_af2
vss
Shared Ground
AA22
AF27
pop_aa22_af27
vss
Shared Ground
AB8
AG10
pop_ab8_ag10
vss
Shared Ground
AB13
AG15
pop_ab13_ag15
vss
Shared Ground
B12
B15
pop_b12_b15
vss
Shared Ground
H22
J27
pop_h22_j27
vss
Shared Ground
K2
M2
pop_k2_m2
vss
Shared Ground
K22
M26
pop_k22_m26
vss
Shared Ground
L2
N2
pop_l2_n2
118
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More