| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBCA Fiches technique(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA Fiches technique(HTML) 73 Page - Texas Instruments |
|
73 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] K5 gpmc_nbe0_cl 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS e gpio_60 4 IO safe_mode 7 L1 gpmc_nbe1 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_61 4 IO safe_mode 7 E1 gpmc_nwp 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_62 4 IO safe_mode 7 C1 gpmc_wait0 0 I H H 0 vdds_ mem Yes NA PU/ PD LVCMOS C2 gpmc_wait3 0 I H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq1 gpio_65 4 IO safe_mode 7 G22 dss_pclk 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_66 4 IO safe_mode 7 E22 dss_hsync 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_67 4 IO safe_mode 7 F22 dss_vsync 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_68 4 IO safe_mode 7 J21 dss_acbias 0 O L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_69 4 IO safe_mode 7 AC19 dss_data0 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart1_cts 2 I gpio_70 4 IO safe_mode 7 AB19 dss_data1 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart1_rts 2 O gpio_71 4 IO safe_mode 7 AD20 dss_data2 0 IO L L 7 vdds No 4 PU/ PD LVCMOS gpio_72 4 IO safe_mode 7 AC20 dss_data3 0 IO L L 7 vdds No 4 PU/ PD LVCMOS gpio_73 4 IO safe_mode 7 AD21 dss_data4 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart3_rx_ irrx 2 I gpio_74 4 IO safe_mode 7 AC21 dss_data5 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart3_tx_ irtx 2 O gpio_75 4 IO safe_mode 7 D24 dss_data6 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_tx 2 O gpio_76 4 IO safe_mode 7 E23 dss_data7 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 73 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |