Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBC Fiches technique(PDF) 149 Page - Texas Instruments

No de pièce OMAP3530ECBC
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Fiches technique(HTML) 149 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 145Page - Texas Instruments OMAP3530ECBC Datasheet HTML 146Page - Texas Instruments OMAP3530ECBC Datasheet HTML 147Page - Texas Instruments OMAP3530ECBC Datasheet HTML 148Page - Texas Instruments OMAP3530ECBC Datasheet HTML 149Page - Texas Instruments OMAP3530ECBC Datasheet HTML 150Page - Texas Instruments OMAP3530ECBC Datasheet HTML 151Page - Texas Instruments OMAP3530ECBC Datasheet HTML 152Page - Texas Instruments OMAP3530ECBC Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 5-1. External Pins of 10-bit Video DAC (continued)
PIN NAME
I/O
DESCRIPTION
tv_out2
O
TV analog output S-VIDEO
DAC2 video output. An external resistor is connected between this
node and tv_vfb2. The nominal value of ROUT2 is 1650
Ω. Finally,
note that this is the output node that drives the load (75
Ω).
tv_vref
I
Reference output voltage from internal
A decoupling capacitor (CBG) needs to be connected for optimum
bandgap
performance.
tv_vfb1
O
Amplifier feedback node
Amplifier feedback node. An external resistor is connected between
this node and tv_out1. The nominal value of ROUT1 is 1650
Ω (1%).
tv_vfb2
O
Amplifier feedback node
Amplifier feedback node. An external resistor is connected between
this node and tv_out2. The nominal value of ROUT2 is 1650
Ω (1%).
Copyright © 2008–2013, Texas Instruments Incorporated
VIDEO DAC SPECIFICATIONS
149
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More