Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBC Fiches technique(PDF) 38 Page - Texas Instruments

No de pièce OMAP3530ECBC
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Fiches technique(HTML) 38 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 34Page - Texas Instruments OMAP3530ECBC Datasheet HTML 35Page - Texas Instruments OMAP3530ECBC Datasheet HTML 36Page - Texas Instruments OMAP3530ECBC Datasheet HTML 37Page - Texas Instruments OMAP3530ECBC Datasheet HTML 38Page - Texas Instruments OMAP3530ECBC Datasheet HTML 39Page - Texas Instruments OMAP3530ECBC Datasheet HTML 40Page - Texas Instruments OMAP3530ECBC Datasheet HTML 41Page - Texas Instruments OMAP3530ECBC Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
gpio_150
4
IO
hsusb3_tll_cl 5
O
k
safe_mode
7
Y8
NA
uart1_rx
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp1_ clkr 2
IO
mcspi4_clk
3
IO
gpio_151
4
IO
safe_mode
7
AE1
NA
mcbsp4_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
clkx
gpio_152
4
IO
hsusb3_tll_
5
IO
data1
mm3_txse0
6
IO
safe_mode
7
AD1
NA
mcbsp4_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_153
4
IO
hsusb3_tll_
5
IO
data0
mm3_rxrcv
6
IO
safe_mode
7
AD2
NA
mcbsp4_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_154
4
IO
hsusb3_tll_
5
IO
data2
mm3_txdat
6
IO
safe_mode
7
AC1
NA
mcbsp4_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_155
4
IO
hsusb3_tll_
5
IO
data3
mm3_txen_n 6
IO
safe_mode
7
Y21
NA
mcbsp1_ clkr 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_clk
1
IO
gpio_156
4
IO
safe_mode
7
AA21
NA
mcbsp1_fsr
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_global_r 2
IO
eset
gpio_157
4
IO
safe_mode
7
V21
NA
mcbsp1_dx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_
1
IO
simo
mcbsp3_dx
2
IO
gpio_158
4
IO
safe_mode
7
U21
NA
mcbsp1_dr
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_
1
IO
somi
mcbsp3_dr
2
O
gpio_159
4
IO
safe_mode
7
T21
NA
mcbsp_clks
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_ shutter 2
O
gpio_160
4
IO
38
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More