| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBBAR Fiches technique(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBAR Fiches technique(HTML) 68 Page - Texas Instruments |
|
68 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] AC21, D15, NA vdd_core 0 PWR - - - - - - - - G11, G18, H20, M7, M17, R20, T7, Y8, Y12 D13, G9, NA vdd_mpu 0 PWR - - - - - - - - G12, H7, _iva K11, L9, M9, M10, N7, N8, P10, U7, U11, U13, V7, V11, W9, Y9, Y11 A18, AC7, NA vdds 0 PWR - - - - - - - - AC15, AC18, AC24, AD20, AE10, C11, D9, E24, G4, J15, J18, L7, L24, M4, T4, T24, W24, Y4, L20, AB24, AD18, AD19 U12 NA vdds_sram 0 PWR - - - - - - - - K13 NA vdds_dpll_dll 0 PWR - - - - - - - - U14 NA vdds_dpll_pe 0 PWR - - - - - - - - r W14 NA vdds_wkup_ 0 PWR - - - - - - - - bg N23, P23 NA vdds_mmc1, 0 PWR - - - - - - - - vdds_mmc1a V25 NA vdda_dac 0 PWR - - - - - - - - V24 NA vssa_dac 0 PWR - - - - - - - - A6, A8, A13, NA vss 0 GND - - - - - - - - AB5, AB22, AC10, AC16, AC19, AD14, AD25,AE7, AF23, B2, B25, C12, D7, D10, D12, D14, D18, D20, E22, G1, G8, G10, G20, G23, H4, K1, K15, K25, L10, L17, L19, L23, N4, N10, N17, R1, R4, R17, T23, U25, W1, W4, W23, Y7, Y10, Y16, Y26 K14, K20, NA cap_vdd_wk 0 PWR - - - - - - - - N9, AE19 up, cap_vdd_sra m_core, cap_vdd_sra m_mpu _iva, cap_vdd_d A1, L1, AF1, A1, J1, AA1, FeedThrough - - - - - - - - - - T2, Y2, AE2, N2, T2, W2, Pins (24) AF4, AF5, Y2, AA6, Y7, AF8, AF10, Y9, AA10, AF12, AF13, AA11, AA12, AF14, AF15, AA13, Y14, AF17, AF16, AA14, B16, A20, AF21, Y17, AA17, AF18, AF24, Y19, AA19, AF22, A25, A20, Y20, AE25, AF25, AA20, A21, A26, B26, B21, H21, K26, U26, P21, Y21, AE26, AF26 AA21 (24) These signals are feed-through balls. For more information, refer to Section 2.5.10. 68 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |