Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBA Fiches technique(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBA
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Fiches technique(HTML) 46 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 42Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 43Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 44Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 45Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 46Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 47Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 48Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 49Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
AG20, AG21, NA
vdds
0
PWR
-
-
-
-
-
-
-
-
AG27, AF8,
AF16, AF23,
AE8, AE16,
AE23, AE27,
AD3, AD4,
W4, H28,
F25, F26
W16
NA
vdds_sram
0
K15
NA
vdds_dpll_dll 0
PWR
-
-
-
-
-
-
-
-
AA16
NA
vdds_dpll_pe 0
PWR
-
-
-
-
-
-
-
-
r
AA14
NA
vdds_wkup_ 0
PWR
-
-
-
-
-
-
-
-
bg
K25, P25
NA
vdds_mmc1, 0
PWR
-
-
-
-
-
-
-
-
vdds_mmc1a
V25
NA
vdda_dac
0
PWR
-
-
-
-
-
-
-
-
Y26
NA
vssa_dac
0
GND
-
-
-
-
-
-
-
-
AA26, AG2,
NA
vss
0
GND
-
-
-
-
-
-
-
-
AG3, AG6,
AF12, AF20,
AE12, AE20,
AC25, AC26,
AG16, AH21,
Y12, Y13,
Y17, Y25,
W3, W10,
W13, W14,
W17, W19,
W25, V9,
V10, V19,
U2, U9, T20,
R19, R20,
R26, P3, P4,
P9, P10,
P19, N9,
M20, M28,
L19, L20,
L26, K9,
K10, K12,
K16, K17,
K19, J3, J12,
J13, J16,
J17, G27,
E3,E4, D7,
D10, D13,
D19, D21,
C7, C10,
C13, C19,
C22, B2,
B27, A3, A26
AH20, AA15, NA
cap_vdd_d,
0
PWR
-
-
-
-
-
-
-
-
V4, L21
cap_vdd_wk
up,
cap_vdd_sra
m_mpu _iva,
cap_vdd_sra
m_core
AH1, AH2,
A2, A12,
FeedThrough -
-
-
-
-
-
-
-
-
-
AH10, AH11, A22, A23,
Pins
(7)
AH13, AH15, AA1, AA2,
AH16, AH27, AA22, AA23,
AH28, AG1,
AB1, AB11,
AG10, AG11, AB13, AB23,
AG13, AG15, AB8, AB9,
AG28, AF1,
AC1, AC11,
AF2, AF27,
AC13, AC14,
AF28, AE28, AC2, AC22,
AA1, AA2,
AC23, AC8,
N1, N2, M1,
AC9, B12,
M2, M26,
B23, H22,
J27, J28,
H23, K1, K2,
B15, B28,
K22, L1, L2,
A2, A15,
U1, U2, Y23
A27, A28
A1, B1, G1,
A1, AB2,
No Connect
-
-
U4
AB22, B1,
B2, B22
(7)
These signals are feed-through balls. For more information, see Section 2.5.10.
46
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More