Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3703CUS Fiches technique(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3703CUS
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUS Fiches technique(HTML) 67 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 63Page - Texas Instruments AM3703CUS Datasheet HTML 64Page - Texas Instruments AM3703CUS Datasheet HTML 65Page - Texas Instruments AM3703CUS Datasheet HTML 66Page - Texas Instruments AM3703CUS Datasheet HTML 67Page - Texas Instruments AM3703CUS Datasheet HTML 68Page - Texas Instruments AM3703CUS Datasheet HTML 69Page - Texas Instruments AM3703CUS Datasheet HTML 70Page - Texas Instruments AM3703CUS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
gpio_50
4
IO
safe_mode
7
V2
gpmc_d15
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_51
4
IO
safe_mode
7
E2
gpmc_ncs0
0
O
1
1
0
vdds_mem
NA
8
NA
LVCMOS
D2
gpmc_ncs3
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq0
1
I
gpio_54
4
IO
safe_mode
7
F4
gpmc_ncs4
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq1
1
I
mcbsp4_ clkx
2
IO
gpt_9_pwm_evt
3
IO
gpio_55
4
IO
safe_mode
7
G5
gpmc_ncs5
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq2
1
I
mcbsp4_dr
2
I
gpt_10_pwm_evt
3
IO
gpio_56
4
IO
safe_mode
7
F3
gpmc_ncs6
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq3
1
I
mcbsp4_dx
2
IO
gpt_11_pwm_evt
3
IO
gpio_57
4
IO
safe_mode
7
G4
gpmc_ncs7
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpmc_io_dir
1
O
mcbsp4_fsx
2
IO
gpt_8_pwm_evt
3
IO
gpio_58
4
IO
safe_mode
7
W2
gpmc_clk
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_59
4
IO
safe_mode
7
F1
gpmc_nadv_ale
0
O
0
0
0
vdds_mem
NA
8
PU/ PD
LVCMOS
F2
gpmc_noe
0
O
1
1
0
vdds_mem
NA
8
PU/ PD
LVCMOS
G3
gpmc_nwe
0
O
1
1
0
vdds_mem
NA
8
PU/ PD
LVCMOS
K5
gpmc_nbe0_cle
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_60
4
IO
safe_mode
7
L1
gpmc_nbe1
0
O
L
L
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_61
4
IO
safe_mode
7
E1
gpmc_nwp
0
O
L
0
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_62
4
IO
safe_mode
7
C1
gpmc_wait0
0
I
H
H
0
vdds_mem
Yes
NA
PU/ PD
LVCMOS
C2
gpmc_wait3
0
I
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq1
1
I
uart4_rx
2
I
gpio_65
4
IO
safe_mode
7
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
67
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More