Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411VCT6 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32F411VCT6
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411VCT6 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32F411VCT6 Datasheet HTML 41Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 42Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 43Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 44Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 45Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 46Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 47Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 48Page - STMicroelectronics STM32F411VCT6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 149 page
background image
DocID026289 Rev 6
45/149
STM32F411xC STM32F411xE
Pinouts and pin description
56
-
-
-
81
C9
PD0
I/O FT
-
EVENTOUT
-
-
-
-
82
B9
PD1
I/O FT
-
EVENTOUT
-
-
54
-
83
C8
PD2
I/O FT
-
TIM3_ETR,
SDIO_CMD,
EVENTOUT
-
-
-
-
84
B8
PD3
I/O FT
-
SPI2_SCK/I2S2_CK,
USART2_CTS,
EVENTOUT
-
-
-
-
85
B7
PD4
I/O FT
-
USART2_RTS,
EVENTOUT
-
-
-
-
86
A6
PD5
I/O FT
-
USART2_TX,
EVENTOUT
-
-
-
-
87
B6
PD6
I/O FT
-
SPI3_MOSI/I2S3_SD,
USART2_RX,
EVENTOUT
-
-
-
-
88
A5
PD7
I/O FT
-
USART2_CK,
EVENTOUT
-
39
55
A3
89
A8
PB3
I/O FT
-
JTDO-SWO,
TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
USART1_RX,
I2C2_SDA,
EVENTOUT
-
40
56
A4
90
A7
PB4
I/O FT
-
JTRST, TIM3_CH1,
SPI1_MISO,
SPI3_MISO,
I2S3ext_SD,
I2C3_SDA, SDIO_D0,
EVENTOUT
-
41
57
B4
91
C5
PB5
I/O TC
-
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI/I2S1_SD,
SPI3_MOSI/I2S3_SD,
SDIO_D3,
EVENTOUT
-
42
58
C4
92
B5
PB6
I/O FT
-
TIM4_CH1,
I2C1_SCL,
USART1_TX,
EVENTOUT
-
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More