Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411CEU7 Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STM32F411CEU7
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411CEU7 Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STM32F411CEU7 Datasheet HTML 52Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 53Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 54Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 55Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 56Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 57Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 58Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 59Page - STMicroelectronics STM32F411CEU7 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 149 page
background image
Memory mapping
STM32F411xC STM32F411xE
56/149
DocID026289 Rev 6
APB1
0x4000 7000 - 0x4000 73FF
PWR
0x4000 6000 - 0x4000 6FFF
Reserved
0x4000 5C00 - 0x4000 5FFF
I2C3
0x4000 5800 - 0x4000 5BFF
I2C2
0x4000 5400 - 0x4000 57FF
I2C1
0x4000 4800 - 0x4000 53FF
Reserved
0x4000 4400 - 0x4000 47FF
USART2
0x4000 4000 - 0x4000 43FF
I2S3ext
0x4000 3C00 - 0x4000 3FFF
SPI3 / I2S3
0x4000 3800 - 0x4000 3BFF
SPI2 / I2S2
0x4000 3400 - 0x4000 37FF
I2S2ext
0x4000 3000 - 0x4000 33FF
IWDG
0x4000 2C00 - 0x4000 2FFF
WWDG
0x4000 2800 - 0x4000 2BFF
RTC & BKP Registers
0x4000 1000 - 0x4000 27FF
Reserved
0x4000 0C00 - 0x4000 0FFF
TIM5
0x4000 0800 - 0x4000 0BFF
TIM4
0x4000 0400 - 0x4000 07FF
TIM3
0x4000 0000 - 0x4000 03FF
TIM2
Table 10. STM32F411xC/xE
register boundary addresses (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More