| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L151CBT6A Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151CBT6A Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 133 page ![]() DocID17659 Rev 12 39/133 STM32L151x6/8/B STM32L152x6/8/B Pin descriptions 48 35 26 F5 M5 18 PB0 I/O TC PB0 TIM3_CH3/LCD_SEG5 ADC_IN8/ COMP1_INP/ VREF_OUT 36 27 G5 M6 19 PB1 I/O FT PB1 TIM3_CH4/LCD_SEG6 ADC_IN9/ COMP1_INP/ VREF_OUT 37 28 G6 L6 20 PB2 I/O FT PB2/BOOT1 BOOT1 - 38 - - M7 - PE7 I/O TC PE7 - ADC_IN22/ COMP1_INP 39 - - L7 - PE8 I/O TC PE8 - ADC_IN23/ COMP1_INP 40 - - M8 - PE9 I/O TC PE9 TIM2_CH1_ETR ADC_IN24/ COMP1_INP 41 - - L8 - PE10 I/O TC PE10 TIM2_CH2 ADC_IN25/ COMP1_INP 42 - - M9 - PE11 I/O FT PE11 TIM2_CH3 - 43 - - L9 - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS - 44 - - M10 - PE13 I/O FT PE13 SPI1_SCK - 45 - - M11 - PE14 I/O FT PE14 SPI1_MISO - 46 - - M12 - PE15 I/O FT PE15 SPI1_MOSI - 47 29 G7 L10 21 PB10 I/O FT PB10 I2C2_SCL/USART3_TX/ TIM2_CH3/LCD_SEG10 - 48 30 H7 L11 22 PB11 I/O FT PB11 I2C2_SDA/USART3_RX/ TIM2_CH4/LCD_SEG11 - 49 31 D6 F12 23 VSS_1 S- VSS_1 -- 50 32 E6 G12 24 VDD_1 S- VDD_1 -- 51 33 H8 L12 25 PB12 I/O FT PB12 SPI2_NSS/I2C2_SMBA/ USART3_CK/ LCD_SEG12/TIM10_CH1 ADC_IN18/ COMP1_INP 52 34 G8 K12 26 PB13 I/O FT PB13 SPI2_SCK/USART3_CTS/ LCD_SEG13/ TIM9_CH1 ADC_IN19/ COMP1_INP Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |