Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L152V8 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32L152V8
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152V8 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32L152V8 Datasheet HTML 40Page - STMicroelectronics STM32L152V8 Datasheet HTML 41Page - STMicroelectronics STM32L152V8 Datasheet HTML 42Page - STMicroelectronics STM32L152V8 Datasheet HTML 43Page - STMicroelectronics STM32L152V8 Datasheet HTML 44Page - STMicroelectronics STM32L152V8 Datasheet HTML 45Page - STMicroelectronics STM32L152V8 Datasheet HTML 46Page - STMicroelectronics STM32L152V8 Datasheet HTML 47Page - STMicroelectronics STM32L152V8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
PB5
-
-
TIM3_CH2
-
I2C1_
SMBA
SPI1_MOSI
-
-
-
-
[SEG9]
-
-
-
EVENTOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_TX
-
-
-
-
-
-
EVENTOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_RX
-
-
-
-
-
-
EVENTOUT
PB8
-
-
TIM4_CH3 TIM10_CH1* I2C1_SCL
-
-
-
-
-
SEG16
-
-
-
EVENTOUT
PB9
-
-
TIM4_CH4 TIM11_CH1* I2C1_SDA
-
-
-
-
-
[COM3]
-
-
-
EVENTOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
-
-
USART3_TX
-
-
SEG10
-
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
USART3_RX
-
-
SEG11
-
-
-
EVENTOUT
PB12
-
-
-
TIM10_CH1
I2C2_
SMBA
SPI2_NSS
-
USART3_CK
-
-
SEG12
-
-
-
EVENTOUT
PB13
-
-
-
TIM9_CH1
-
SPI2_SCK
-
USART3_CTS
-
-
SEG13
-
-
-
EVENTOUT
PB14
-
-
-
TIM9_CH2
-
SPI2_MISO
-
USART3_RTS
-
-
SEG14
-
-
-
EVENTOUT
PB15
-
-
-
TIM11_CH1
-
SPI2_MOSI
-
-
-
-
SEG15
-
-
-
EVENTOUT
PC0
-
-
-
-
-
-
-
-
-
-
SEG18
-
-
TIMx_IC1 EVENTOUT
PC1
-
-
-
-
-
-
-
-
-
-
SEG19
-
-
TIMx_IC2 EVENTOUT
PC2
-
-
-
-
-
-
-
-
-
-
SEG20
-
-
TIMx_IC3 EVENTOUT
PC3
-
-
-
-
-
-
-
-
-
-
SEG21
-
-
TIMx_IC4 EVENTOUT
PC4
-
-
-
-
-
-
-
-
-
-
SEG22
-
-
TIMx_IC1 EVENTOUT
PC5
-
-
-
-
-
-
-
-
-
-
SEG23
-
-
TIMx_IC2 EVENTOUT
PC6
-
-
TIM3_CH1
-
-
-
-
-
-
-
SEG24
-
-
TIMx_IC3 EVENTOUT
PC7
-
-
TIM3_CH2
-
-
-
-
-
-
-
SEG25
-
-
TIMx_IC4 EVENTOUT
PC8
-
-
TIM3_CH3
-
-
-
-
-
-
-
SEG26
-
-
TIMx_IC1 EVENTOUT
PC9
-
-
TIM3_CH4
-
-
-
-
-
-
-
SEG27
-
-
TIMx_IC2 EVENTOUT
PC10
-
-
-
-
-
-
-
USART3_TX
-
-
COM4 /
SEG28 /
SEG40
-
-
TIMx_IC3 EVENTOUT
Table 9. Alternate function input/output (continued)
Port name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFOI6
AFIO7
AFIO8 AFIO9
AFIO11 AFIO12 AFIO13
AFIO14
AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4
TIM9/10/11
I2C1/2
SPI1/2
N/A
USART1/2/3
N/A
N/A
LCD
N/A
N/A
RI
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More