Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151R6 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32L151R6
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151R6 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32L151R6 Datasheet HTML 36Page - STMicroelectronics STM32L151R6 Datasheet HTML 37Page - STMicroelectronics STM32L151R6 Datasheet HTML 38Page - STMicroelectronics STM32L151R6 Datasheet HTML 39Page - STMicroelectronics STM32L151R6 Datasheet HTML 40Page - STMicroelectronics STM32L151R6 Datasheet HTML 41Page - STMicroelectronics STM32L151R6 Datasheet HTML 42Page - STMicroelectronics STM32L151R6 Datasheet HTML 43Page - STMicroelectronics STM32L151R6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
Pin descriptions
STM32L151x6/8/B STM32L152x6/8/B
40/133
DocID17659 Rev 12
53 35 F8 K11
27
PB14
I/O
FT
PB14
SPI2_MISO/
USART3_RTS/
LCD_SEG14//TIM9_CH2
ADC_IN20/
COMP1_INP
54 36 F7 K10 28
PB15
I/O
FT
PB15
SPI2_MOSI/LCD_SEG15/
TIM11_CH1
ADC_IN21/
COMP1_INP/
RTC_REFIN
55
-
-
K9
-
PD8
I/O
FT
PD8
USART3_TX/
LCD_SEG28
-
56
-
-
K8
-
PD9
I/O
FT
PD9
USART3_RX/
LCD_SEG29
-
57
-
-
J12
-
PD10
I/O
FT
PD10
USART3_CK/
LCD_SEG30
-
58
-
-
J11
-
PD11
I/O
FT
PD11
USART3_CTS/
LCD_SEG31
-
59
-
-
J10
-
PD12
I/O
FT
PD12
TIM4_CH1/
USART3_RTS/
LCD_SEG32
-
60
-
-
H12
-
PD13
I/O
FT
PD13
TIM4_CH2/LCD_SEG33
-
61
-
-
H11
-
PD14
I/O
FT
PD14
TIM4_CH3/LCD_SEG34
-
62
-
-
H10
-
PD15
I/O
FT
PD15
TIM4_CH4/LCD_SEG35
-
63 37 F6 E12
-
PC6
I/O
FT
PC6
TIM3_CH1/LCD_SEG24
-
64 38 E7 E11
-
PC7
I/O
FT
PC7
TIM3_CH2/LCD_SEG25
-
65 39 E8 E10
-
PC8
I/O
FT
PC8
TIM3_CH3/LCD_SEG26
-
66 40 D8 D12
-
PC9
I/O
FT
PC9
TIM3_CH4/LCD_SEG27
-
67 41 D7 D11 29
PA8
I/O
FT
PA8
USART1_CK/MCO/
LCD_COM0
-
68 42 C7 D10 30
PA9
I/O
FT
PA9
USART1_TX/LCD_COM1
-
69 43 C6 C12 31
PA10
I/O
FT
PA10
USART1_RX/LCD_COM2
-
70 44 C8 B12 32
PA11
I/O
FT
PA11
USART1_CTS/
SPI1_MISO
USB_DM
Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More