Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411RE Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STM32F411RE
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RE Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STM32F411RE Datasheet HTML 11Page - STMicroelectronics STM32F411RE Datasheet HTML 12Page - STMicroelectronics STM32F411RE Datasheet HTML 13Page - STMicroelectronics STM32F411RE Datasheet HTML 14Page - STMicroelectronics STM32F411RE Datasheet HTML 15Page - STMicroelectronics STM32F411RE Datasheet HTML 16Page - STMicroelectronics STM32F411RE Datasheet HTML 17Page - STMicroelectronics STM32F411RE Datasheet HTML 18Page - STMicroelectronics STM32F411RE Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
DocID026289 Rev 6
15/149
STM32F411xC STM32F411xE
Description
56
Figure 3. STM32F411xC/xE block diagram
1. The timers connected to APB2 are clocked from TIMxCLK up to 100 MHz, while the timers connected to APB1 are clocked
from TIMxCLK up to 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More