Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303VB Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STM32F303VB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VB Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STM32F303VB Datasheet HTML 32Page - STMicroelectronics STM32F303VB Datasheet HTML 33Page - STMicroelectronics STM32F303VB Datasheet HTML 34Page - STMicroelectronics STM32F303VB Datasheet HTML 35Page - STMicroelectronics STM32F303VB Datasheet HTML 36Page - STMicroelectronics STM32F303VB Datasheet HTML 37Page - STMicroelectronics STM32F303VB Datasheet HTML 38Page - STMicroelectronics STM32F303VB Datasheet HTML 39Page - STMicroelectronics STM32F303VB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
Pinouts and pin description
STM32F303xB STM32F303xC
36/148
DocID023353 Rev 13
C9
722
PC13(2)
I/O TC
- TIM1_CH1N
WKUP2, RTC_TAMP1,
RTC_TS, RTC_OUT
C10
833
PC14(2)
OSC32_IN
(PC14)
I/O TC
-
-
OSC32_IN
D9
944
PC15(2)
OSC32_
OUT
(PC15)
I/O TC
-
-
OSC32_OUT
D10
10
-
-
PF9
I/O FT (1)
TIM15_CH1, SPI2_SCK,
EVENTOUT
-
E10
11
-
-
PF10
I/O FT (1)
TIM15_CH2, SPI2_SCK,
EVENTOUT
-
F10
12
5
5
PF0-
OSC_IN
(PF0)
I/O FTf
- TIM1_CH3N, I2C2_SDA,
OSC_IN
F9
13
6
6
PF1-
OSC_OUT
(PF1)
I/O FTf
- I2C2_SCL
OSC_OUT
E9
14
7
7
NRST
I/O
RS
T
Device reset input / internal reset output (active low)
G10
15
8
-
PC0
I/O TTa (1) EVENTOUT
ADC12_IN6, COMP7_INM
G9
16
9
-
PC1
I/O TTa (1) EVENTOUT
ADC12_IN7, COMP7_INP
G8
17
10
-
PC2
I/O TTa (1) COMP7_OUT, EVENTOUT
ADC12_IN8
H10
18
11
-
PC3
I/O TTa (1) TIM1_BKIN2, EVENTOUT
ADC12_IN9
E8
19
-
-
PF2
I/O TTa (1) EVENTOUT
ADC12_IN10
H8
20
12
8
VSSA/
VREF-
S
-
-
Analog ground/Negative reference voltage
J8
21
-
-
VREF+(3)
S
-
-
Positive reference voltage
J10
22
-
-
VDDA
S
-
-
Analog power supply
--
13
9
VDDA/
VREF+
S
-
-
Analog power supply/Positive reference voltage
H9
23
14
10
PA0
I/O TTa (4)
USART2_CTS,
TIM2_CH1_ETR,TIM8_BKIN,
TIM8_ETR,TSC_G1_IO1,
COMP1_OUT, EVENTOUT
ADC1_IN1, COMP1_INM,
RTC_ TAMP2, WKUP1,
COMP7_INP
Table 13. STM32F303xB/STM32F303xC pin definitions (continued)
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More