Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303RB Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32F303RB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RB Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32F303RB Datasheet HTML 36Page - STMicroelectronics STM32F303RB Datasheet HTML 37Page - STMicroelectronics STM32F303RB Datasheet HTML 38Page - STMicroelectronics STM32F303RB Datasheet HTML 39Page - STMicroelectronics STM32F303RB Datasheet HTML 40Page - STMicroelectronics STM32F303RB Datasheet HTML 41Page - STMicroelectronics STM32F303RB Datasheet HTML 42Page - STMicroelectronics STM32F303RB Datasheet HTML 43Page - STMicroelectronics STM32F303RB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
Pinouts and pin description
STM32F303xB STM32F303xC
40/148
DocID023353 Rev 13
F5
67
41
29
PA8
I/O FT
-
I2C2_SMBA,I2S2_MCK,
USART1_CK, TIM1_CH1,
TIM4_ETR, MCO,
COMP3_OUT, EVENTOUT
-
E5
68
42
30
PA9
I/O FTf
-
I2C2_SCL,I2S3_MCK,
USART1_TX, TIM1_CH2,
TIM2_CH3, TIM15_BKIN,
TSC_G4_IO1, COMP5_OUT,
EVENTOUT
-
E1
69
43
31
PA10
I/O FTf
-
I2C2_SDA, USART1_RX,
TIM1_CH3, TIM2_CH4,
TIM8_BKIN, TIM17_BKIN,
TSC_G4_IO2, COMP6_OUT,
EVENTOUT
-
E2
70
44
32
PA11
I/O FT
-
USART1_CTS, USB_DM,
CAN_RX, TIM1_CH1N,
TIM1_CH4, TIM1_BKIN2,
TIM4_CH1, COMP1_OUT,
EVENTOUT
-
D1
71
45
33
PA12
I/O FT
-
USART1_RTS_DE, USB_DP,
CAN_TX, TIM1_CH2N,
TIM1_ETR, TIM4_CH2,
TIM16_CH1, COMP2_OUT,
EVENTOUT
-
E3
72
46
34
PA13
I/O FT
-
USART3_CTS, TIM4_CH3,
TIM16_CH1N, TSC_G4_IO3,
IR_OUT, SWDIO-JTMS,
EVENTOUT
-
C1
73
-
-
PF6
I/O FTf (1)
I2C2_SCL,
USART3_RTS_DE,
TIM4_CH4, EVENTOUT
-
A1,
A2,
B1
74
47
35
VSS
S
-
-
Ground
D2
75
48
36
VDD
S
-
-
Digital power supply
C2
76
49
37
PA14
I/O FTf
-
I2C1_SDA, USART2_TX,
TIM8_CH2,TIM1_BKIN,
TSC_G4_IO4, SWCLK-JTCK,
EVENTOUT
-
Table 13. STM32F303xB/STM32F303xC pin definitions (continued)
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More