Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303CC Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STM32F303CC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 5Page - STMicroelectronics STM32F303CC Datasheet HTML 6Page - STMicroelectronics STM32F303CC Datasheet HTML 7Page - STMicroelectronics STM32F303CC Datasheet HTML 8Page - STMicroelectronics STM32F303CC Datasheet HTML 9Page - STMicroelectronics STM32F303CC Datasheet HTML 10Page - STMicroelectronics STM32F303CC Datasheet HTML 11Page - STMicroelectronics STM32F303CC Datasheet HTML 12Page - STMicroelectronics STM32F303CC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
DocID023353 Rev 13
9/148
STM32F303xB STM32F303xC
Introduction
54
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F303xB/STM32F303xC microcontrollers.
This STM32F303xB/STM32F303xC datasheet should be read in conjunction with the
STM32F303x, STM32F358xC and STM32F328x4/6/8 reference manual (RM0316). The
reference manual is available from the STMicroelectronics website www.st.com.
For information on the Cortex®-M4 core with FPU, please refer to:
•
Cortex®-M4 with FPU Technical Reference Manual, available from ARM website
www.arm.com.
•
STM32F3xxx and STM32F4xxx Cortex®-M4 programming manual (PM0214)
available from our website www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More