| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F303XB Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303XB Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 148 page ![]() DocID023353 Rev 13 29/148 STM32F303xB STM32F303xC Functional overview 54 Table 10. Capacitive sensing GPIOs available on STM32F303xB/STM32F303xC devices Group Capacitive sensing signal name Pin name Group Capacitive sensing signal name Pin name 1 TSC_G1_IO1 PA0 5 TSC_G5_IO1 PB3 TSC_G1_IO2 PA1 TSC_G5_IO2 PB4 TSC_G1_IO3 PA2 TSC_G5_IO3 PB6 TSC_G1_IO4 PA3 TSC_G5_IO4 PB7 2 TSC_G2_IO1 PA4 6 TSC_G6_IO1 PB11 TSC_G2_IO2 PA5 TSC_G6_IO2 PB12 TSC_G2_IO3 PA6 TSC_G6_IO3 PB13 TSC_G2_IO4 PA7 TSC_G6_IO4 PB14 3 TSC_G3_IO1 PC5 7 TSC_G7_IO1 PE2 TSC_G3_IO2 PB0 TSC_G7_IO2 PE3 TSC_G3_IO3 PB1 TSC_G7_IO3 PE4 TSC_G3_IO4 PB2 TSC_G7_IO4 PE5 4 TSC_G4_IO1 PA9 8 TSC_G8_IO1 PD12 TSC_G4_IO2 PA10 TSC_G8_IO2 PD13 TSC_G4_IO3 PA13 TSC_G8_IO3 PD14 TSC_G4_IO4 PA14 TSC_G8_IO4 PD15 Table 11. No. of capacitive sensing channels available on STM32F303xB/STM32F303xC devices Analog I/O group Number of capacitive sensing channels STM32F303Vx STM32F303Rx STM32F303Cx G1 3 3 3 G2 3 3 3 G3 3 3 2 G4 3 3 3 G5 3 3 3 G6 3 3 3 G7 3 0 0 G8 3 0 0 Number of capacitive sensing channels 24 18 17 |