| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() Data brief For further information contact your local STMicroelectronics sales office. September 2010 Doc ID 17821 Rev 1 1/3 3 STM8/128-EV/TS STM8S touch sensing evaluation kit Features ■ Evaluation kit composed of: – STM8/128-EVAL evaluation board – STM8Sxxx-TS1 daughterboard ■ Touch-sensing interface offering 5 touchkeys and 1 slider ■ LCD display to report touchkeys, slider status and parameters ■ Configurable operation: debounce, low-power mode duration, recalibration time-out, slider resolution. ■ Touch sensing library featuring: – RC acquisition principle – Supports up to 24 capacitive sensing touchkeys – Supports up to 2 capacitive sensing wheels or sliders using 5 or 8 channels – Supports of active shield – Low BOM with only 1 I/O per channel + 1 I/O to control the load resistor. – Up to 8-bit resolution wheel/slider using 8 channels – Advanced processing featuring: Autocalibration, Debounce filtering, Environment control system (ECS), Detection exclusion system ■ – Free C source code library Description The STM8S touch sensing evaluation kit (STM8/128-EV/TS) enables designers, who are familiar with standard STM8S microcontrollers, to create higher-end look-and-feel user interfaces by replacing conventional electromechanical switches with touch sensing controls. Designers can thus combine touch sensing functions with traditional MCU features such as communication, LED control, beeper, LCD control, and so on. The kit contains an STM8/128-EVAL board, and an STM8S touch sensing evaluation daughterboard (STM8Sxxx-TS1) which provides an evaluation platform for the resistor-capacitor acquisition principle. The touch sensing library is a complete, free source-code solution to transform any 8-bit STM8 microcontroller into a capacitive touchkey controller. Table 1. Device summary Order code Reference STM8/128-EV/TS STM8S touch sensing evaluation kit www.st.com |
Numéro de pièce similaire - STM8 |
|
Description similaire - STM8 |