Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-RBN6T Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce M24C64-RBN6T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-RBN6T Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button M24C64-RBN6T Datasheet HTML 18Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 19Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 20Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 21Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 22Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 23Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 24Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 25Page - STMicroelectronics M24C64-RBN6T Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
M24C64, M24C32
Figure 16. UFDFPN8 (MLP8) – 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm
Note: Drawing is not to scale.
Table 21. UFDFPN8 (MLP8) – 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm,
Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.55
0.50
0.60
0.022
0.020
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.20
0.30
0.010
0.008
0.012
D
2.00
0.079
D2
1.55
1.65
0.061
0.065
ddd
0.05
0.002
E3.00
0.118
E2
0.15
0.25
0.006
0.010
e
0.50
–
–
0.020
–
–
L
0.45
0.40
0.50
0.018
0.016
0.020
L1
0.15
0.006
L3
0.30
0.012
N8
8
D
E
UFDFPN-01
A
A1
ddd
L1
e
b
D2
L
E2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26