Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC3463 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce MC3463
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3463 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button MC3463 Datasheet HTML 2Page - STMicroelectronics MC3463 Datasheet HTML 3Page - STMicroelectronics MC3463 Datasheet HTML 4Page - STMicroelectronics MC3463 Datasheet HTML 5Page - STMicroelectronics MC3463 Datasheet HTML 6Page - STMicroelectronics MC3463 Datasheet HTML 7Page - STMicroelectronics MC3463 Datasheet HTML 8Page - STMicroelectronics MC3463 Datasheet HTML 9Page - STMicroelectronics MC3463 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TYPICAL APPLICATION CIRCUIT
Step-Up Converter
Printed Demoboard
Test Condition (VOUT = 28V)
Test
Conditions
Value (Typ.)
Unit
Line Regulation
VIN = 8 to 16V,
IO = 175 mA
30
mV
Load Regulation
VIN = 12V,
IO = 75 to 175 mA
10
mV
Output Ripple
VIN = 12V,
IO = 175 mA
300
mV
Efficency
VIN = 12V,
IO = 175 mA
89
%
Symbol
Pin
Vout
1
GND
2
GND
3
Vin
4
MC34063A/E
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15