Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34063EB Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce MC34063EB
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063EB Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button MC34063EB Datasheet HTML 7Page - STMicroelectronics MC34063EB Datasheet HTML 8Page - STMicroelectronics MC34063EB Datasheet HTML 9Page - STMicroelectronics MC34063EB Datasheet HTML 10Page - STMicroelectronics MC34063EB Datasheet HTML 11Page - STMicroelectronics MC34063EB Datasheet HTML 12Page - STMicroelectronics MC34063EB Datasheet HTML 13Page - STMicroelectronics MC34063EB Datasheet HTML 14Page - STMicroelectronics MC34063EB Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b0.5
0.020
b1
0.38
0.5
0.015
0.020
D9.8
0.386
E8.8
0.346
e2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F7.1
0.280
I4.8
0.189
L3.3
0.130
Z
0.44
1.6
0.017
0.063
P001F
Plastic DIP-8 MECHANICAL DATA
MC34063A/E
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15