| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0809CCV Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC0809CCV Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Apr-2017 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples ADC0808CCN NRND PDIP N 28 13 TBD Call TI Call TI -40 to 85 ADC0808CCN ADC0808CCN/NOPB ACTIVE PDIP N 28 13 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 85 ADC0808CCN ADC0808CCV NRND PLCC FN 28 35 TBD Call TI Call TI -40 to 85 ADC0808 CCV ADC0808CCV/NOPB ACTIVE PLCC FN 28 35 Green (RoHS & no Sb/Br) CU SN Level-2A-245C-4 WEEK -40 to 85 ADC0808 CCV ADC0808CCVX NRND PLCC FN 28 750 TBD Call TI Call TI -40 to 85 ADC0808 CCV ADC0808CCVX/NOPB ACTIVE PLCC FN 28 750 Green (RoHS & no Sb/Br) CU SN Level-2A-245C-4 WEEK -40 to 85 ADC0808 CCV ADC0809CCN NRND PDIP N 28 13 TBD Call TI Call TI -40 to 85 ADC0809CCN ADC0809CCN/NOPB ACTIVE PDIP N 28 13 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 85 ADC0809CCN ADC0809CCV NRND PLCC FN 28 35 TBD Call TI Call TI -40 to 85 ADC0809 CCV ADC0809CCV/NOPB ACTIVE PLCC FN 28 35 Green (RoHS & no Sb/Br) CU SN Level-2A-245C-4 WEEK -40 to 85 ADC0809 CCV ADC0809CCVX NRND PLCC FN 28 750 TBD Call TI Call TI -40 to 85 ADC0809 CCV ADC0809CCVX/NOPB ACTIVE PLCC FN 28 750 Green (RoHS & no Sb/Br) CU SN Level-2A-245C-4 WEEK -40 to 85 ADC0809 CCV MM74C949N NRND PDIP N 28 13 TBD Call TI Call TI -40 to 85 ADC0808CCN (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |