Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP45DT02TR-M Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce MP45DT02TR-M
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02TR-M Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button MP45DT02TR-M Datasheet HTML 7Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 8Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 9Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 10Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 11Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 12Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 13Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 14Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP45DT02-M
Functionality
DocID029435 Rev 1
11/16
5
Functionality
5.1
L/R channel selection
The L/R digital pad lets the user select the DOUT signal pattern as explained in Table 7:
"L/R channel selection". The L/R pin must be connected to Vdd or GND.
Table 7: L/R channel selection
L/R
CLK low
CLK high
GND
Data valid
High impedence
Vdd
High impedence
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16