Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP34DB02 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce MP34DB02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DB02 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button MP34DB02 Datasheet HTML 9Page - STMicroelectronics MP34DB02 Datasheet HTML 10Page - STMicroelectronics MP34DB02 Datasheet HTML 11Page - STMicroelectronics MP34DB02 Datasheet HTML 12Page - STMicroelectronics MP34DB02 Datasheet HTML 13Page - STMicroelectronics MP34DB02 Datasheet HTML 14Page - STMicroelectronics MP34DB02 Datasheet HTML 15Page - STMicroelectronics MP34DB02 Datasheet HTML 16Page - STMicroelectronics MP34DB02 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP34DB02
Package information
DocID026103 Rev 2
15/17
Symbol
mm.
Min.
Typ.
Max.
G4
2.750
2.800
2.850
G5
0.250
0.300
0.350
G6
0.050
0.100
0.150
G7
0.500
0.550
0.600
G8
0.800
0.850
0.900
M
0.100
K
0.050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17