| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM330 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 75 page ![]() DocID023426 Rev 3 31/75 LSM330 Application hints 75 The functionality of the device and the measured acceleration/angular rate data is selectable and accessible through the SPI/I2C interface. The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely programmed by the user through the SPI/I2C interface. 5.2 Soldering information The LGA package is compliant with ECOPACK®, RoHS and “Green” standards. It is qualified for soldering heat resistance according to JEDEC J-STD-020D. Leave “Pin 1 Indicator” unconnected during soldering. Land pattern and soldering recommendations are available at www.st.com/mems. |