| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DS0 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS0 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 59 page ![]() DocID025604 Rev 3 11/59 LSM6DS0 Module specifications 59 G_ODR Angular digital output data rate 952 476 238 119 59.5 14.9 Hz Top Operating temperature range -40 +85 °C 1. Typical specifications are not guaranteed. 2. Typical zero-g level offset value after soldering. 3. Typical zero-rate level offset value after MSL3 preconditioning. Table 3. Mechanical characteristics (continued) Symbol Parameter Test conditions Min. Typ.(1) Max. Unit |