Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce BAS70
Description  Low forward and reverse recovery times
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button BAS70 Datasheet HTML 6Page - STMicroelectronics BAS70 Datasheet HTML 7Page - STMicroelectronics BAS70 Datasheet HTML 8Page - STMicroelectronics BAS70 Datasheet HTML 9Page - STMicroelectronics BAS70 Datasheet HTML 10Page - STMicroelectronics BAS70 Datasheet HTML 11Page - STMicroelectronics BAS70 Datasheet HTML 12Page - STMicroelectronics BAS70 Datasheet HTML 13Page - STMicroelectronics BAS70 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BAS70
Package information
Doc ID 12563 Rev 2
11/14
Figure 21.
SOT323-6L footprint (dimensions in mm)
Table 11.
SOT323-6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
H
1.8
2.4
0.071
0.094
Q
0.1
0.4
0.004
0.016
A1
A2
A
L
HE
c
Q1
b
E
D
e
e
0.65
0.80
1.05
1.05
2.9
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14