| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C64-W Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-W Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 26 page ![]() 21/26 M24C64, M24C32 Figure 14. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline Note: Drawing is not to scale. Table 19. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Mechanical Data Symbol millimeters inches Typ. Min. Max. Typ. Min. Max. A 1.35 1.75 0.053 0.069 A1 0.10 0.25 0.004 0.010 B 0.33 0.51 0.013 0.020 C 0.19 0.25 0.007 0.010 D 4.80 5.00 0.189 0.197 E 3.80 4.00 0.150 0.157 e 1.27 – – 0.050 – – H 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 L 0.40 0.90 0.016 0.035 α 0° 8° 0° 8° N8 8 CP 0.10 0.004 SO-a E N CP B e A D C L A1 α 1 H h x 45˚ |