Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2985IBPX-3.3 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP2985IBPX-3.3
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985IBPX-3.3 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2985IBPX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VIN =
VOUT(NOM) +1, TA = 25˚C, ON/OFF pin is tied to VIN. (Continued)
Dropout Voltage vs Temperature
Input Current vs Pin
10014027
10014029
GND Pin Current vs Temperature
Instantaneous Short Circuit Current
10014030
10014031
Load Transient Response
Load Transient Response
10014032
10014033
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com