| Moteur de recherche de fiches techniques de composants électroniques |
|
HC123 Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HC123 Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 6 page ![]() AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns Symbol Parameter Conditions Typ Limit Units tPLH Maximum Trigger Propagation Delay ns A B or Clear to Q tPHL Maximum Trigger Propagation Delay ns A B or Clear to Q tPHL Maximum Propagation Delay Clear to Q ns tPLH Maximum Propagation Delay Clear to Q ns tW Minimum Pulse Width A B or Clear ns tREM Minimum Clear Removal Time ns tWQMIN Minimum Output Pulse Width CEXTe pF ns REXTe kX tWQ Output Pulse Width CEXTe pF m s REXTe kX AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified) TAe25 C 74HC 54HC Symbol Parameter Conditions VCC TAeb40 to 85 CTAeb55 to 125 C Units Typ Guaranteed Limits tPLH Maximum Trigger Propagation V ns Delay A B or Clear to Q V ns V ns tPHL Maximum Trigger Propagation V ns Delay A B or Clear to Q V ns V ns tPHL Maximum Propagation Delay V ns Clear to Q V ns V ns tPLH Maximum Propagation Delay V ns Clear to Q V ns V ns tW Minimum Pulse Width V ns A B Clear V ns V ns tREM Minimum Clear V ns Removal Time V ns V ns tTLH tTHL Maximum Output V ns Rise and Fall Time V ns V ns tWQMIN Minimum Output CEXTe pF V m s Pulse Width REXTe kX V ns REXTe kX VCCe V V ns tWQ Output Pulse Width CEXTe m F Min V ms REXTe kX Max V ms CIN Maximum Input pF Capacitance Pins CIN Maximum Input pF Capacitance other inputs CPD Power Dissipation Note pF Capacitance Note 5 CPD determines the no load dynamic power consumption PD e CPD VCC2 f a ICC VCC and the no load dynamic current consumption IS e CPD VCC f a ICC 3 |