| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2985AIBP-2.8 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2985AIBP-2.8 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 21 page ![]() Ordering Information (Continued) TABLE 1. Package Marking and Ordering Information (Continued) Output Voltage (V) Grade Order Information Package Marking Supplied as: 2.6 A LP2985AIBP-2.6 250 Units on Tape and Reel 2.6 A LP2985AIBPX-2.6 3000 Units on Tape and Reel 2.6 STD LP2985IBP-2.6 250 Units on Tape and Reel 2.6 STD LP2985IBPX-2.6 3000 Units on Tape and Reel 2.8 A LP2985AIBP-2.8 250 Units on Tape and Reel 2.8 A LP2985AIBPX-2.8 3000 Units on Tape and Reel 2.8 STD LP2985IBP-2.8 250 Units on Tape and Reel 2.8 STD LP2985IBPX-2.8 3000 Units on Tape and Reel 2.9 A LP2985AIBP-2.9 250 Units on Tape and Reel 2.9 A LP2985AIBPX-2.9 3000 Units on Tape and Reel 2.9 STD LP2985IBP-2.9 250 Units on Tape and Reel 2.9 STD LP2985IBPX-2.9 3000 Units on Tape and Reel 3.0 A LP2985AIBP-3.0 250 Units on Tape and Reel 3.0 A LP2985AIBPX-3.0 3000 Units on Tape and Reel 3.0 STD LP2985IBP-3.0 250 Units on Tape and Reel 3.0 STD LP2985IBPX-3.0 3000 Units on Tape and Reel 3.3 A LP2985AIBP-3.3 250 Units on Tape and Reel 3.3 A LP2985AIBPX-3.3 3000 Units on Tape and Reel 3.3 STD LP2985IBPX-3.3 250 Units on Tape and Reel 3.3 STD LP2985IBPX-3.3 3000 Units on Tape and Reel 3.6 A LP2985AIBP-3.6 250 Units on Tape and Reel 3.6 A LP2985AIBPX-3.6 3000 Units on Tape and Reel 3.6 STD LP2985IBP-3.6 250 Units on Tape and Reel 3.6 STD LP2985IBPX-3.6 3000 Units on Tape and Reel 4.0 A LP2985AIBP-4.0 250 Units on Tape and Reel 4.0 A LP2985AIBPX-4.0 3000 Units on Tape and Reel 4.0 STD LP2985IBP-4.0 250 Units on Tape and Reel 4.0 STD LP2985IBPX-4.0 3000 Units on Tape and Reel 5.0 A LP2985AIBP-5.0 250 Units on Tape and Reel 5.0 A LP2985AIBPX-5.0 3000 Units on Tape and Reel 5.0 STD LP2985IBP-5.0 250 Units on Tape and Reel 5.0 STD LP2985IBPX-5.0 3000 Units on Tape and Reel micro SMD, 5 Bump Package (TPA05 - 170 µm ball) 2.5 A LP2985AITP-2.5 250 Units on Tape and Reel 2.5 A LP2985AITPX-2.5 3000 Units on Tape and Reel 2.5 STD LP2985ITP-2.5 250 Units on Tape and Reel 2.5 STD LP2985ITPX-2.5 3000 Units on Tape and Reel 2.7 A LP2985AITP-2.7 250 Units on Tape and Reel 2.7 A LP2985AITPX-2.7 3000 Units on Tape and Reel 2.7 STD LP2985ITP-2.7 250 Units on Tape and Reel 2.7 STD LP2985ITPX-2.7 3000 Units on Tape and Reel 2.8 A LP2985AITP-2.8 250 Units on Tape and Reel 2.8 A LP2985AITPX-2.8 3000 Units on Tape and Reel 2.8 STD LP2985ITP-2.8 250 Units on Tape and Reel 2.8 STD LP2985ITPX-2.8 3000 Units on Tape and Reel 5.0 A LP2985AITP-5.0 250 Units on Tape and Reel 5.0 A LP2985AITPX-5.0 3000 Units on Tape and Reel www.national.com 5 |