Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-IHT004V1 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STEVAL-IHT004V1
Description  AC timer demonstration board on HT triacs and ST7Lite1b
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT004V1 Fiches technique(HTML) 2 Page - STMicroelectronics

  STEVAL-IHT004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHT004V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Demonstration description
STEVAL-IHT004V1
2/5
Doc ID 16016 Rev 1
1
Demonstration description
This demonstration is a development tool that allows users to develop their own application.
Through hole technology is used for easy modification of the board for the desired function.
Three applications have been developed and are ready to use with this demonstration board
as the sensors are already implemented on the board (or have to be connected to the
header for the humidity sensor):
1.
Hand dryer (program 1)
–
Controlled load: heating resistor and fan in parallel
–
Sensor: infrared sensor using IR diode emitter (D5) and photo-transistor receiver
(Q4)
2.
Bathroom fan (program 2)
–
Controlled load: low power fan
–
Sensor: humidity sensor (to be connected to P3 header)
3.
Multi-entrance room light control (program 3)
–
Controlled load: light bulb, CFL lamp
–
Sensor: push button
As previously stated, this board can easily be modified.
For example, here is a list of other possible applications that can be considered thanks to
little software and hardware modifications:
●
Water heater thermostat
●
Household temperature control
●
Humidity control (wood storage)
●
Flood protection system (pump or valve control)
●
Motion detector (outside lightning)
●
The added advantages of this board are:
●
Spark free operation
●
No EMI or acoustic noise



Html Pages

1 2 3 4 5