| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MDT20-T32 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT20-T32 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() DATA BRIEF Rev 1 October 2005 1/3 3 ST7MDT20-T32/DVP TQFP32 (7x7) Connection Kit for ST7MDT20-DVP3 The TQFP32 (7x7) Connection Kit (ST7MDT20- T32/DVP) provides the hardware you need to connect your ST7MDT20-DVP3 emulator to your application when debugging applications for ST7 microcontrollers in the TQFP32 (7x7) package. Connection Kit Contents ■ TQFP32 adapter (DB545) – Allows the connection of your ST7MDT20-DVP3 emulator to your application board in place of your ST7. ■ TQFP32 (7x7) device adapter (DB522) – Adapts the emulator connection to the package of your ST7. ■ Ironwood TQFP32 socket (SK-UGA06/32A- 01) – solders to your application board to allow connection of the emulator. Replacing the TQFP32 (7x7) device adapter with your ST7 is possible using the Ironwood clam shell socket (ref: CA-QFE32SA-L-Z-T-02-D1442). The clam shell socket is not provided in the kit. For more information... ■ ST7-DVP3 User Manual – Information common to all DVP3 series emulators ■ ST7MDT20-DVP3 Probe User Guide – Information specific to ST7MDT20-DVP3 Figure 1. TQFP32 adapter (DB545) Figure 2. TQFP32 device adapter (DB522) Figure 3. Connection to application board 1. Solder socket to application board. 4. Align pin 1 indicators, then insert the socket’s pins into the connector on the device adapter. 2. Plug device adapter into the corresponding connector on the adapter. Pin 1 Indicators 3. Plug the adapter’s connectors into the J1 and J2 connectors on the target emulation board. www.st.com Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - ST7MDT20-T32 |
|
Description similaire - ST7MDT20-T32 |