| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSGRF Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSGRF Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 23 page ![]() DocID027664 Rev 5 7/23 SPSGRF Hardware specifications 23 3.5 SPSGRF module RF typical performance The RF performance of the SPSGRF-868 and SPSGRF-915 modules are dependent on many factors, related to the customer hardware application board where the module is connected and also to the customer application firmware. In order to provide some basic information to the customer integrating the module, it may be useful to provide the RF measurements taken in an anechoic chamber using a dongle containing a connected SPSGRF-868 or SPSGRF-915 module. Table 6. SPSGRF-868 or 915 modules radiated typical performance Symbol Parameter Test conditions Typ. Unit Tx RF power RF radiated power Operating mode Tx, +11.6 dBm, 2-FSK, 868,0-868,6 MHz +5.3 dBm Operating mode Tx, +11.6 dBm, 2-FSK, 902-928 MHz +2.2 dBm |