| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC5-UDEDEBG Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC5-UDEDEBG Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() For further information contact your local STMicroelectronics sales office. November 2016 DocID025195 Rev 6 1/4 SPC5-UDEDEBG SPC5-UDESTK JTAG debugger license for SPC5 MCUs Data brief Features Supports both SPC5-UDESTK standalone and the equivalent version embedded into Discovery board. Supports SPC5x MCUs Supports Multicore, eTPU and GTM debugging Includes FLASH programming capability Support service provided through STMicroelectronics Description SPC5-UDE (Universal Debug Engine) Starter Kit license enables the code unlimited usage of the SPC-UDESTK USB/JTAG adapter overcoming the evaluation license which is full features but code-limited (256 kBytes). With SPC5-UDE you can debug your applications in a convenient and cost-efficient way. Two license models are available: perpetual and time limited: SPC5-UDEDEBG is a perpetual, full-feature, unlimited code-size UDE Starter Kit license SPC5-UDEDEBG-TL is a time-limited (1 year), full-feature, unlimited code-size UDE Starter Kit license The licenses can be ordered directly from ST WEB or ST franchised distributors and activated at URL: www.pls-mc.com/spc5-udestk. The SPC5-UDE debugger is fully compatible with, and accessible via ST's integrated development environment, SPC5Studio, which can be downloaded from ST WEB (free download). E2E Community is available on ST WEB. Table 1. Device summary Order code Reference SPC5-UDEDEBG Perpetual, full-feature, unlimited code-size UDE Starter Kit license SPC5-UDEDEBG-TL Time-limited (1 year), full- feature, unlimited code- size UDE Starter Kit license www.st.com |
Numéro de pièce similaire - SPC5-UDEDEBG |
|
Description similaire - SPC5-UDEDEBG |