Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24SR04-G Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M24SR04-G
Description  Support of NDEF data structure
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR04-G Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M24SR04-G Datasheet HTML 17Page - STMicroelectronics M24SR04-G Datasheet HTML 18Page - STMicroelectronics M24SR04-G Datasheet HTML 19Page - STMicroelectronics M24SR04-G Datasheet HTML 20Page - STMicroelectronics M24SR04-G Datasheet HTML 21Page - STMicroelectronics M24SR04-G Datasheet HTML 22Page - STMicroelectronics M24SR04-G Datasheet HTML 23Page - STMicroelectronics M24SR04-G Datasheet HTML 24Page - STMicroelectronics M24SR04-G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DocID024754 Rev 15
21/90
M24SR04-Y M24SR04-G
M24SR04 memory management
28
3
M24SR04 memory management
3.1
Memory structure
The M24SR04 supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The M24SR04 is composed of three files:
•
One Capability Container file
•
One NDEF file
•
One System file: this is an ST-proprietary file
The System file contains some information on the configuration of the M24SR04 device.
The CC file gives some information about the M24SR04 itself and the NDEF file. The NDEF
file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the M24SR04 and the NDEF file. This file is a
read-only file for the RF or I²C host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF or I²C host by
issuing a specific process (refer to Section 8: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90