Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7985ATR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L7985ATR
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985ATR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L7985ATR Datasheet HTML 34Page - STMicroelectronics L7985ATR Datasheet HTML 35Page - STMicroelectronics L7985ATR Datasheet HTML 36Page - STMicroelectronics L7985ATR Datasheet HTML 37Page - STMicroelectronics L7985ATR Datasheet HTML 38Page - STMicroelectronics L7985ATR Datasheet HTML 39Page - STMicroelectronics L7985ATR Datasheet HTML 40Page - STMicroelectronics L7985ATR Datasheet HTML 41Page - STMicroelectronics L7985ATR Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID022446 Rev 7
39/42
L7985
Package information
42
Figure 39. HSOP8 package outline
Table 11. HSOP8 package mechanical data
Symbol
(Dimensions) mm
Min.
Typ.
Max.
A
1.70
A1
0.00
0.15
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
4.80
4.90
5.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e1.27
h
0.25
0.50
L
0.40
1.27
k
0.00
8.00
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42