| Moteur de recherche de fiches techniques de composants électroniques |
|
L5988D Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5988D Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 52 page ![]() DocID15324 Rev 4 33/52 L5988D Application information 52 6.4.2 Type II compensation network In Figure 16 the type II network is shown. Figure 16. Type II compensation network The singularities of the network are: Equation 34 In Figure 17 the bode diagram of the PWM and LC filter transfer function (GPW0 · GLC(f)) and the open loop gain (GLOOP(f) = GPW0 · GLC(f) · GTYPEII(f)) are drawn. Figure 17. Open loop gain: module bode diagram fZ1 1 2 R 5 C5 ------------------------------ = fP0 0 = fP1 1 2 R 5 C5 C6 C5 C6 + -------------------- -------------------------------------------- = |