Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVLED001 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 10Page - STMicroelectronics HVLED001 Datasheet HTML 11Page - STMicroelectronics HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Application information
HVLED001
14/27
DocID027333 Rev 1
7
Application information
7.1
Operating modes
The HVLED001 QR flyback controller is able to operate either as a single stage high power
factor (HPF) flyback controller or as a DC/DC flyback controller in dual stages topologies. Its
enhanced features are mainly intended to simplify the design and the management of
constant current applications (LED drivers).
Application schematics of the two main topologies are reported in Figure 5 and Figure 6.
Figure 5. High power factor flyback - constant output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27