Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CIF06 Fiches technique(PDF) 3 Page - TEMEX

No de pièce CIF06
Description  CI F06 Expander and Compressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMEX [TEMEX]
Site Internet  http://www.temex.com
Logo TEMEX - TEMEX

CIF06 Fiches technique(HTML) 3 Page - TEMEX

  CIF06 Datasheet HTML 1Page - TEMEX CIF06 Datasheet HTML 2Page - TEMEX CIF06 Datasheet HTML 3Page - TEMEX CIF06 Datasheet HTML 4Page - TEMEX CIF06 Datasheet HTML 5Page - TEMEX CIF06 Datasheet HTML 6Page - TEMEX CIF06 Datasheet HTML 7Page - TEMEX CIF06 Datasheet HTML 8Page - TEMEX CIF06 Datasheet HTML 9Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
Oct 16
th, 2015
CI F06 Expander and Compressor Revision B3
3 / 9
www.rakon.com
Pulse compressor channel description.
Input chirps are filtered (anti-aliasing filter), sampled and down-converted to baseband. I and Q baseband data
are processed by FIR filters whose coefficients are matched with the expander chirp characteristics. Digital
baseband I/Q compressed pulse is then up-converted to carrier frequency and converted into analog signal.
As inputs and outputs are IF analog signals, CI F06 is well suited to upgrade SAW based pulse compression
Radars. For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted.
Fig. 2 gives the maximum chirp duration value vs. bandwidth achievable for the compressor channel.
Compressor waveform is selected among 2 possible waveforms, using WFMSel_C input, as presented in Table 2.
Each time WFMSel_C signal changes, the new set of waveform coefficients will be active 50 µs later.
Table 2 : Compressor waveform selection
WFMSel_C
Compressor waveform
0
Waveform C0 (TBD)
1
Waveform C1 (TBD)
Fig. 2 : Accessible B x T area



Html Pages

1 2 3 4 5 6 7 8 9