Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS251N Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM74LS251N
Description  TRI-STATE Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS251N Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  DM74LS251N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS251N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS251N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS251N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS251N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS251N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 667X
Symbol
Parameter
to (Output)
CL e 45 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
A B C
45
53
ns
Low to High Level Output
(4 Levels) to Y
tPHL
Propagation Delay Time
A B C
45
53
ns
High to Low Level Output
(4 Levels) to Y
tPLH
Propagation Delay Time
A B C
33
38
ns
Low to High Level Output
(3 Levels) to W
tPHL
Propagation Delay Time
A B C
33
42
ns
High to Low Level Output
(3 Levels) to W
tPLH
Propagation Delay Time
D
28
35
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
D
28
38
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
D
15
25
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
D
15
25
ns
High to Low Level Output
to W
tPZH
Output Enable Time to
Strobe
45
60
ns
High Level Output
to Y
tPZL
Output Enable Time to
Strobe
40
51
ns
Low Level Output
to Y
tPHZ
Output Disable Time from
Strobe
45
ns
High Level Output (Note 1)
to Y
tPLZ
Output Disable Time from
Strobe
25
ns
Low Level Output (Note 1)
to Y
tPZH
Output Enable Time to
Strobe
27
40
ns
High Level Output
to W
tPZL
Output Enable Time to
Strobe
40
47
ns
Low Level Output
to W
tPHZ
Output Disable Time from
Strobe
55
ns
High Level Output (Note 1)
to W
tPLZ
Output Disable Time from
Strobe
25
ns
Low Level Output (Note 1)
to W
Note 1
CL e 5pF
Logic Diagram
TLF6415 – 2
3



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com