Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVLPOWERSTEP01 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce EVLPOWERSTEP01
Description  Adjustable output slew rate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPOWERSTEP01 Fiches technique(HTML) 4 Page - STMicroelectronics

  EVLPOWERSTEP01 Datasheet HTML 1Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 2Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 3Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 4Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 5Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 6Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 7Page - STMicroelectronics EVLPOWERSTEP01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Board description
EVLPOWERSTEP01
4/8
DocID027006 Rev 1
Table 4. Slave SPI connector pinout (J7)
Pin number
Type
Function
1
Open drain output
powerSTEP01 BUSY output
2
Open drain output
powerSTEP01 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI “Master In Slave Out” signal (connected to pin 5 of J5)
6
Digital input
SPI “Serial Clock” signal (connected to powerSTEP01 CK input)
7
Digital input
SPI “Master Out Slave In” signal (connected to powerSTEP01 SDO output)
8
Digital input
SPI “Slave Select” signal (connected to powerSTEP01 CS input)
9
Digital input
powerSTEP01 step-clock input
10
Digital input
powerSTEP01 standby/reset input



Html Pages

1 2 3 4 5 6 7 8