Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8920 Fiches technique(PDF) 34 Page - Cirrus Logic

No de pièce CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Fiches technique(HTML) 34 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 30Page - Cirrus Logic CS8920 Datasheet HTML 31Page - Cirrus Logic CS8920 Datasheet HTML 32Page - Cirrus Logic CS8920 Datasheet HTML 33Page - Cirrus Logic CS8920 Datasheet HTML 34Page - Cirrus Logic CS8920 Datasheet HTML 35Page - Cirrus Logic CS8920 Datasheet HTML 36Page - Cirrus Logic CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
AN84REV1
34
CS8920 Technical Reference Manual
2.3 Recommended Magnetics for the
CS8920
The CS8920 is has two types of Ethernet
interfaces 10BASE-T and AUI. For both
the interfaces, analog filters are on the chip.
The Figure 2.3.1 shows typical connection
required for either of these interfaces.
Please refer to the data sheet of the CS8920
for values of the terminating resistors.
For an AUI interface, an isolation
transformer without a common mode choke
(CMC) is used.
For the 10BASE-T interface, choice
between isolation transformer and isolation
transformer with a common mode choke
(CMC) depends on the common mode
noise that exists on the 10BASE-T lines in
a particular system. A common mode
choke reduces common mode noise emitted
by the 10BASE-T lines. A CMC may be
required in certain applications to meet
EMI requirements and to meet 10BASE-T
common mode output voltage noise
specification. The physical dimensions of
the isolation transformer and the isolation
transformer with a CMC are the same.
Both are typically available in a 16 pin DIP
or 16 pin SOIC package.
The table 2.3.1 thru 2.3.3 provides
information regarding recommended
transformers and contacts for some of the
vendors. Several other vendors also make
transformers that are compatible with the
ones these tables.
CS8920
Figure 2.3.1. Typical CS8920 Ethernet Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66