Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F3348-DISCO Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F3348-DISCO
Description  Discovery kit for STM32F334 line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3348-DISCO Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F3348-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F3348-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F3348-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F3348-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements
STM32F334 discovery kit
2/4
DocID026439 Rev 3
System requirements
•
Windows OS (XP, 7, 8)
•
USB standard Type-A to Mini-B cable
Development toolchains
•
IAR EWARM (IAR Embedded Workbench®)
•
Keil® MDK-ARM™
•
GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...)
•
ARM® mbed™ online
Demonstration software
The demonstration software is preloaded in the STM32F334 Flash memory. It uses the
USER pushbutton to switch the operation of the high brightness dimming LED and the 4
standards LEDs into different modes from simple blinking mode to automatic or manual
dimmer and Flash mode.
The latest versions of the demonstration source code and associated documentation can be
downloaded from www.st.com/stm32f3-discovery.
Ordering information
To order the Discovery kit for STM32F334 line microcontrollers, use the order code:
STM32F3348-DISCO



Html Pages

1 2 3 4