Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F746G-DISCO Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F746G-DISCO
Description  Discovery kit with STM32F746NG MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746G-DISCO Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F746G-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F746G-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F746G-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F746G-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements
32F746GDISCOVERY
2/4
DocID027792 Rev 2
1
System requirements
•
Windows OS (XP, 7, 8)
•
USB type A to Mini-B cable
2
Development toolchains
•
IAR EWARM (IAR Embedded Workbench®)
•
Keil® MDK-ARM™
•
GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...)
•
ARM® mbed™ online
3
Demonstration software
The demonstration software is preloaded in the STM32F746NGH6 Flash memory. The
latest versions of the demonstration source code and associated documentation can be
downloaded from www.st.com/stm32f7-discovery.
4
Ordering information
To order the discovery kit with STM32F746NG MCU, use the order code:
STM32F746G-DISCO.
5
Technology partners
MICRON:
•
128-Mbit SDRAM (64 Mbits accessible on the kit), part number MT48LC4M32B2
•
128-Mbit Quad-SPI NOR Flash memory device, part number N25Q128A
ROCKTECH:
•
Color display, 4.3-inch LCD-TFT (resolution: 480x272), capacitive touch,
part number RK043FN48H-CT672B



Html Pages

1 2 3 4