Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F429I-DISCO Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F429I-DISCO
Description  Discovery kit with STM32F429ZI MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429I-DISCO Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F429I-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F429I-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F429I-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F429I-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements
32F429IDISCOVERY
2/4
DocID025210 Rev 4
System requirements
Windows® OS (XP, 7, 8)
USB Type-A to Mini-B cable
Development toolchains
IAR® EWARM (IAR Embedded Workbench®)
Keil® MDK-ARM™
GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...)
ARM® mbed™ online
Demonstration software
The demonstration software is preloaded in the MCU Flash memory. It displays on the
screen icons to run different applications: clock/calendar, a game, a video player and an
image browser, performance monitoring and system information.
The latest versions of the demonstration source code and associated documentation can be
downloaded from the www.st.com/stm32f4-discovery webpage.
Product marking
Tools marked as "ES" or "E" are not yet qualified and as such, they may be used only for
evaluation purposes. ST shall not be liable for any consequences related with other ways of
use of such non-qualified tools, for example, as reference design or for production.
Examples of location of "E" or "ES" marking:
on target STM32 microcontroller part mounted on the board (for illustration, refer to
section “Package information” of a STM32 datasheet at www.st.com)
next to the evaluation tool ordering part number, as a label stuck or a silk-screen
printed on the board



Html Pages

1 2 3 4