| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2989IMM-2.8 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2989IMM-2.8 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 19 page ![]() Ordering Information (Continued) TABLE 1. Package Marking and Ordering Information (Continued) Output Voltage Grade Order Information Package Marking Supplied as: SO-8 (M) 2.5 A LP2989AIMX-2.5 LP2989AIM2.5 2500 Units on Tape and Reel 2.5 A LP2989AIM-2.5 LP2989AIM2.5 Shipped in Anti-Static Rails 2.5 STD LP2989IMX-2.5 LP2989IM2.5 2500 Units on Tape and Reel 2.5 STD LP2989IM-2.5 LP2989IM2.5 Shipped in Anti-Static Rails 3.3 A LP2989AIMX-3.3 LP2989AIM3.3 2500 Units on Tape and Reel 3.3 A LP2989AIM-3.3 LP2989AIM3.3 Shipped in Anti-Static Rails 3.3 STD LP2989IMX-3.3 LP2989IM3.3 2500 Units on Tape and Reel 3.3 STD LP2989IM-3.3 LP2989IM3.3 Shipped in Anti-Static Rails 5.0 A LP2989AIMX-5.0 LP2989AIM5.0 2500 Units on Tape and Reel 5.0 A LP2989AIM-5.0 LP2989AIM5.0 Shipped in Anti-Static Rails 5.0 STD LP2989IMX-5.0 LP2989IM5.0 2500 Units on Tape and Reel 5.0 STD LP2989IM-5.0 LP2989IM5.0 Shipped in Anti-Static Rails For output voltages < 2V, see LP2989LV datasheet. www.national.com 5 |