| Moteur de recherche de fiches techniques de composants électroniques |
|
CSC10B Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CSC10B Fiches technique(HTML) 3 Page - Vishay Siliconix |
|
3 / 6 page ![]() CSC www.vishay.com Vishay Dale Revision: 03-May-13 3 Document Number: 31509 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Coating meniscus meets class 2 requirements of IPC-A-610. STOCKED RESISTANCE VALUES IN (“G” TOLERANCE) Standard E-24 resistance values stocked. Consult factory. Many dual terminator resistance values stocked. Consult factory. Note • For additional impedance codes, refer to the Dual Terminator Impedance Code Table document (www.vishay.com/doc?31530). 01 SCHEMATIC GLOBAL MODEL NUMBER OF RESISTORS A (MAX.) B C (MAX.) CSC04 3 0.390 (9.91) 0.300 (7.62) “A” profile = 0.195 (4.95) “B” profile = 0.295 (7.50) CSC05 4 0.490 (12.45) 0.400 (10.16) CSC06 5 0.590 (14.99) 0.500 (12.70) CSC07 6 0.690 (17.53) 0.600 (15.24) CSC08 7 0.790 (20.07) 0.700 (17.78) CSC09 8 0.890 (22.61) 0.800 (20.32) CSC10 9 0.990 (25.15) 0.900 (22.86) CSC11 10 1.09 (27.69) 1.00 (25.40) CSC12 11 1.19 (30.23) 1.100 (27.94) 03 SCHEMATIC GLOBAL MODEL NUMBER OF RESISTORS A (MAX.) B C (MAX.) CSC04 2 0.390 (9.91) 0.300 (7.62) “A” profile = 0.195 (4.95) “B” profile = 0.295 (7.50) CSC06 3 0.590 (14.99) 0.500 (12.70) CSC08 4 0.790 (20.07) 0.700 (17.78) CSC10 5 0.990 (25.15) 0.900 (22.86) CSC12 6 1.19 (30.23) 1.100 (27.94) 05 SCHEMATIC GLOBAL MODEL NUMBER OF RESISTORS A (MAX.) B C (MAX.) CSC04 4 0.390 (9.91) 0.300 (7.62) “A” profile = 0.195 (4.95) “B” profile = 0.295 (7.50) CSC05 6 0.490 (12.45) 0.400 (10.16) CSC06 8 0.590 (14.99) 0.500 (12.70) CSC07 10 0.690 (17.53) 0.600 (15.24) CSC08 12 0.790 (20.07) 0.700 (17.78) CSC09 14 0.890 (22.61) 0.800 (20.32) CSC10 16 0.990 (25.15) 0.900 (22.86) CSC11 18 1.09 (27.69) 1.00 (25.40) CSC12 20 1.19 (30.23) 1.100 (27.94) 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n R1 R2 MECHANICAL SPECIFICATIONS Marking resistance to solvents Permanency testing per MIL-STD-202, method 215 Solderability Per MIL-STD-202, method 208E, RMA flux Body High alumina, epoxy coated Terminals (1) Solder plated leads IMPEDANCE CODES CODE R1 () R2 ()CODE R1 () R2 () 500B 82 130 141A 270 270 750B 120 200 181A 330 390 800C 130 210 191A 330 470 990A 160 260 221B 330 680 101C 180 240 281B 560 560 111C 180 270 381B 560 1.2K 121B 180 390 501C 620 2.7K 121C 220 270 102A 1.5K 3.3K 131A 220 330 202B 3K 6.2K |